Part Number Hot Search : 
LM393AFE L6004F81 SKM40 SKIIP3 TA58L09F TM782 BSL40 PN7222
Product Description
Full Text Search
 

To Download 1N4745A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FORMOSA MS
1N4728A~1N4761A
Zener diode
Features
1. 2. 3. 4. High reliability Very sharp reverse characteristic Low reverse current level VZ -tolerance 5%
Applications
Voltage stabilization
Absolute Maximum Ratings
Tj=25? Parameter Power dissipation Z-current Junction temperature Storage temperature range Test Conditions Tamb= 50? Type Symbol PV IZ Tj Tstg Value 1 PV/VZ 200 -65~+175 Unit W mA ? ?
Maximum Thermal Resistance
Tj=25? Parameter Junction ambient Test Conditions I=9.5mm(3/8") TL=constant Symbol RthJA Value 100 Unit K/W
Electrical Characteristics
Tj=25? Parameter Forward voltage Test Conditions IF =200mA Type Symbol VF Min Typ Max 1.2 Unit V
FORMOSA MS
1
FORMOSA MS
1N4728A~1N4761A
Type 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A
VZnom V 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
1)
IZT mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3
for
rzjT O <10 <10 <9 <9 <8 <7 <5 <2 <3.5 <4.0 <4.5 <5.0 <7 <8 <9 <10 <14 <16 <20 <22 <23 <25 <35 <40 <45 <50 <60 <70 <80 <95 <110 <125 <150 <175
rzjK at O <400 <400 <400 <400 <500 <550 <600 <700 <700 <700 <700 <700 <700 <700 <700 <700 <700 <700 <750 <750 <750 <750 <750 <1000 <1000 <1000 <1000 <1500 <1500 <1500 <2000 <2000 <2000 <2000
IK Z mA 1 1 1 1 1 1 1 1 1 0. 5 0. 5 0. 5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR A <100 <100 <50 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5
at
V R V 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30? , 9.5mm(3/8") from the diode body.
FORMOSA MS
2
FORMOSA MS
1N4728A~1N4761A
Dimensions in mm
Standard Glass Case JEDEC DO 41
FORMOSA MS
3


▲Up To Search▲   

 
Price & Availability of 1N4745A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X